Part Number Hot Search : 
CPDER12V RCWPM 470YZF AHYBA XFADSL13 N74ACT TLP73107 AX104
Product Description
Full Text Search
 

To Download SDR1005-103KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  typ. 3.0 (.118) typ. max. 2.8 (.110) 10.0 0.2 (.393 .008) 12.7 0.2 (.500 .008) 5.0 0.3 (.197 .012) 7.6 0.3 (.299 .012) 2.4 0.2 (.094 .008) typ. 2.5 0.2 (.098 .008) 7.3 (.287) 101 features available in e6 series low pro le of only 5.0 mm inductance as low as 0.68 ? rohs compliant* applications input/output of dc/dc converters power supplies for: - portable communications equipment - camcorders - lcd tvs - car radios sdr1005 series - smd power inductors *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. test voltage .................... 0.1 v, 100 khz re ow soldering .. 250 ?, 10 sec. max. (in compliance with jedec, j-std-020c, table 4-2) operating temperature ................................-40 ? to +125 ? (temperature rise included) storage temperature ................................-40 ? to +125 ? resistance to soldering heat ........................ +250 ?, 10 sec. max. electrical speci cations bourns part number inductance 1 khz q ref. test frequency q (mhz) srf min. (mhz) rdc max. ( ) i rms max. (a) i sat typ. (a) (?) tol. % sdr1005-r68ml 0.68 ?20 26 7.960 160 0.006 8.50 9.50 sdr1005-1r0ml 1 20 55 2.600 137 0.007 7.50 9.00 sdr1005-1r5ml 1.5 ?20 50 3.000 95 0.009 6.50 8.00 sdr1005-2r2ml 2.2 ?20 51 2.470 65 0.012 6.10 7.00 sdr1005-2r5ml 2.5 ?20 49 3.000 56 0.012 5.50 7.00 sdr1005-3r3ml 3.3 ?20 45 2.520 54 0.015 5.00 6.40 sdr1005-4r7ml 4.7 ?20 46 2.700 42 0.019 4.50 5.40 sdr1005-6r8ml 6.8 ?20 56 2.000 31 0.030 3.40 4.50 sdr1005-100ml 10 ?20 43 4.000 26 0.050 2.90 3.70 sdr1005-150ml 15 ?20 42 2.700 22 0.060 2.50 3.00 sdr1005-220ml 22 ?20 29 2.520 18 0.10 2.00 2.50 sdr1005-330kl 33 ?10 29 2.200 14 0.12 1.80 2.00 sdr1005-470kl 47 ?10 30 2.200 12 0.19 1.40 1.60 sdr1005-680kl 68 ?10 24 2.200 11 0.24 1.20 1.40 sdr1005-101kl 100 ?10 41 0.056 8 0.33 1.00 1.20 sdr1005-151kl 150 ?10 58 0.087 6 0.59 0.80 1.00 sdr1005-221kl 220 ?10 50 0.068 5 0.78 0.70 0.80 sdr1005-331kl 330 ?10 56 0.070 4 1.15 0.55 0.60 sdr1005-471kl 470 ?10 60 0.081 4 1.70 0.45 0.50 sdr1005-681kl 680 ?10 72 0.096 3 2.60 0.35 0.40 sdr1005-102kl 1000 ?10 78 0.122 2 3.90 0.30 0.35 sdr1005-152kl 1500 ?10 97 0.131 2 6.30 0.25 0.30 sdr1005-222kl 2200 ?10 85 0.128 2 8.20 0.20 0.24 sdr1005-332kl 3300 ?10 106 0.128 1 14.00 0.16 0.18 sdr1005-472kl 4700 ?10 96 0.125 1 17.00 0.15 0.16 sdr1005-682kl 6800 ?10 105 0.171 1 30.00 0.11 0.12 sdr1005-822kl 8200 ?10 102 0.145 1 34.00 0.11 0.12 SDR1005-103KL 10000 ?10 102 0.138 1 39.00 0.10 0.11 general speci cations core ....................................... ferrite dr wire ............................enameled copper base ................................................dap terminal ........................................ cu/sn rated current ...................ind. drop 10 % typ. at isat temperature rise ....................15 ? max. at rated i rms packaging .................... 600 pcs. per reel materials product dimensions *rohs compliant recommended layout electrical schematic dimensions: mm (inches) = start of winding
user direction of feed 200 (7.874) no component no component components 11200 (440.945) 400 (15.748) start 4.0 0.1 (.157 0.04) 16.0 0.1 (.630 .004) 4.4 0.1 (.173 .004) 5.3 0.1 (.153 .004) 0.4 0.05 (.016 .002) 24.0 0.3 (.945 .012) 13.2 0.1 (.520 .004) 11.5 0.1 (.453 .004) 1.55 0.05 (.061 .002) dia. 1.5 (.059) min. end 101 101 101 10.4 0.1 (.409 .004) srf0504 series - line filter packaging speci cations qty: 600 pcs. per reel rev. 12/12 speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. sdr1005 series - smd power inductors dimensions: mm (inches) embossed carrier embossed cavity 0.10 (.004) thickness max. 24 0 soldering pro le 26 (1.02) 30.4 (1.20) 2.0 0.5 (.079 .020) 50.0 (1.969) 330 (12.99) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) peak temperature: 245 c max. max. peak temperature: -5 c, 30 sec. max. max. time above 217 c: 60 ~ 150 sec. max. 250 temperature (c) 0 50 50 200 150 100 +4.0 c / sec. max. 150~200 c / 60~120 sec. +3.0 c / sec. max. -(1.0~5.0) c / sec. max. temperature rising area preheat area reflow area forced cooling area 200 time (seconds) 100 150 60 ~ 150 sec. 60 sec. max. peak temp: 245 c 217 c 60 ~ 120 sec. 250


▲Up To Search▲   

 
Price & Availability of SDR1005-103KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X